PART |
Description |
Maker |
LTC3802EGN LTC3802EUH LTC3802EGNTRPBF LTC3802-15 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 850 kHz SWITCHING FREQ-MAX, PDSO28 Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1705 LTC1705EGN |
Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
|
Linear Technology
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ISL6605 ISL6605EVAL1 |
MOSFET Driver, Dual, Synchronous Half-Bridge Switch, use with Multiphase Controller, 4 Amp Sink, VBOOT 0.3-7V; synchronous rectified MOSFET driver. For core voltage supplies for Intel and AMD microprocessors
|
Intersil
|
LTC3880-1 LTC3850 LTC3850-1 LTC3850-2 LTC3869-2 LT |
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
ADG436BRZ-REEL1 ADG436BRZ1 ADG436BNZ1 |
Dual SPDT Switch DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Analog Devices ANALOG DEVICES INC
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
BZW06-11 BZW06-111 BZW06-136 BZW06-14 BZW06-145 BZ |
3 V FIPS-140 security supervisor with battery switchover TRANSIL PMOLED display power supply 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY TRANSIL OVER VOLTAGE PROTECTED AC POWER SWITCH 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC OVER VOLTAGE PROTECTED AC POWER SWITCH 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC DC-DC step down power supply 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Hybrid controller (4 1) for AMD SVID and PVID processors 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC High efficiency step-down controller with embedded 2 A LDO regulator 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC AC LINE SWITCH 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC DC/DC converter control circuits 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 3 A, 900 kHz, monolithic synchronous step-down regulator 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 1A CONSTANT CURRENT BATTERY CHARGER 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 5A SWITCHING REGULATOR AC Switch family Alternating current switch Isolated Flyback Switching Regulator with 9V Output 2 A step down switching regulator for automotive applications White LED power supply AC switch family transient voltage protected AC switch (ACS") MICROPOWER VFM STEP-UP DC/DC CONVERTER 6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications 2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs High efficiency monolithic synchronous step down regulator Dual synchronous step-down controller with adjustable LDO 1.5A switch step down switching regulator LNB supply and control IC with step-up converter and I²C interface Step-up and inverting DC-DC converter 1.9 A DC-DC converter modules TRANSILTM
|
STMicroelectronics N.V. Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] EIC discrete Semiconductors Diotec Elektronische ST Microelectronics
|
ISL84517IH-T ISL84517IB-T ISL84517IB ISL84517 ISL8 |
GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT RED 512 x 36 synchronous FIFO memory 120-HLQFP 0 to 70 低电压,双电源,聚苯乙烯,模拟开 Low-Voltage Dual Supply SPST Analog Switches Low-Voltage, Dual Supply, SPST, Analog Switches Low-Voltage/ Dual Supply/ SPST/ Analog Switches Analog Switch, SPST, Single, NClosed, Ron = 13 @ V, Ron Flatness Max 3Ω, .5V to V Supply Analog Switch, SPST, Single, NOpen, Ron = 13 @ V, Ron Flatness Max 3Ω, .5V to V Supply
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FSA2257MUX |
Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO10
|
Fairchild Semiconductor, Corp.
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
|